Part Number Hot Search : 
16000 PLR0502 LVG2343 LVG2343 A937M Z8614 LTC1661 DG407BDN
Product Description
Full Text Search
 

To Download IRFU9310PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 95064A
P-Channel Surface Mount (IRFR9310) l Straight Lead (IRFU9310) l Advanced Process Technology l Fast Switching l Fully Avalanche Rated l Lead-Free Description
l l
IRFR9310PbF IRFU9310PBF
D
HEXFET(R) Power MOSFET VDSS = -400V RDS(on) = 7.0
S
G
ID = -1.8A
Third Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. The D-Pak is designed for surface mounting using vapor phase, infrared, or wave soldering techniques. The straight lead version (IRFU series) is for throughhole mounting applications. Power dissipation levels up to 1.5 watts are possible in typical surface mount applications.
D-Pak TO-252AA
I-Pak TO-251AA
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C V GS EAS IAR EAR dv/dt TJ TSTG Continuous Drain Current, VGS @ -10V Continuous Drain Current, VGS @ -10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds
Max.
-1.8 -1.1 -7.2 50 0.40 20 92 -1.8 5.0 -24 -55 to + 150 300 (1.6mm from case )
Units
A W W/C V mJ A mJ V/ns C
Thermal Resistance
Parameter
RJC RJA RJA Junction-to-Case Junction-to-Ambient (PCB mount)** Junction-to-Ambient
Typ.

Max.
2.5 50 110
Units
C/W
www.irf.com
1
1/10/05
IRFR/U9310PbF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
Min. -400 -2.0 0.91
Typ. -0.41 11 10 25 24
Max. Units Conditions V VGS = 0V, ID = -250A V/C Reference to 25C, ID = -1mA 7.0 VGS = -10V, ID = -1.1A -4.0 V VDS = VGS, ID = -250A S VDS = -50V, ID = -1.1A -100 VDS = -400V, VGS = 0V A -500 VDS = -320V, VGS = 0V, TJ = 125C 100 VGS = 20V nA -100 VGS = -20V 13 ID = -1.1A 3.2 nC VDS = -320V 5.0 VGS = -10V, See Fig. 6 and 13 VDD = -200V ID = -1.1A ns RG = 21 RD = 180, See Fig. 10 D Between lead, 4.5 6mm (0.25in.) nH G from package 7.5 and center of die contact S 270 VGS = 0V 50 pF VDS = -25V 8.0 = 1.0MHz, See Fig. 5
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr ton Notes:
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol -1.9 showing the A G integral reverse -7.6 p-n junction diode. S -4.0 V TJ = 25C, IS = -1.1A, V GS = 0V 170 260 ns TJ = 25C, IF = -1.1A 640 960 nC di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 ) Starting TJ = 25C, L = 57mH RG = 25, IAS = -1.8 A. (See Figure 12) ISD -1.1A, di/dt 450A/s, VDD V(BR)DSS, TJ 150C
Pulse width 300s; duty cycle 2%. This is applied for I-PAK, LS of D-PAK is measured between
lead and center of die contact
** When mounted on 1" square PCB (FR-4 or G-10 Material ) . For recommended footprint and soldering techniques refer to application note #AN-994
2
www.irf.com
IRFR/U9310PbF
10
-I D , Drain-to-Source Current (A)
-I D , Drain-to-Source Current (A)
VGS -15V -10V -8.0V -7.0V -6.0V -5.5V -5.0V BOTTOM -4.5V TOP
10
VGS -15V -10V -8.0V -7.0V -6.0V -5.5V -5.0V BOTTOM -4.5V TOP
1
1
-4.5V
-4.5V
0.1 1 10
20s PULSE WIDTH TJ = 25 C
100
0.1
20s PULSE WIDTH TJ = 150 C
1 10 100
-VDS , Drain-to-Source Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
RDS(on) , Drain-to-Source On Resistance (Normalized)
10
2.5
ID = -1.8A
-I D , Drain-to-Source Current (A)
TJ = 25 C TJ = 150 C
1
2.0
1.5
1.0
0.5
0.1 4 5 6 7
V DS = -50V 20s PULSE WIDTH 8 9 10
0.0 -60 -40 -20
VGS = -10V
0 20 40 60 80 100 120 140 160
-VGS, Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRFR/U9310PbF
500
-VGS , Gate-to-Source Voltage (V)
400
VGS = 0V, f = 1MHz Ciss = Cgs + Cgd , Cds SHORTED Crss = Cgd Coss = Cds + Cgd
20
ID = -1.1A VDS =-320V VDS =-200V VDS =-80V
16
C, Capacitance (pF)
300
Ciss
12
200
8
Coss
100
4
Crss
0 1 10 100
0 0 4 8
FOR TEST CIRCUIT SEE FIGURE 13
12 16
-VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
10
100
-ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on)
-ID , Drain Current (A) I
10
10us
TJ = 150 C
1
100us 1 1ms
TJ = 25 C
0.1 1.0
V GS = 0 V
2.0 3.0 4.0 5.0
0.1
TC = 25 C TJ = 150 C Single Pulse
10 100
10ms
1000
-VSD ,Source-to-Drain Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRFR/U9310PbF
2.0
VDS VGS
RD
1.6
-ID , Drain Current (A)
1.2
-10V
Pulse Width 1 s Duty Factor 0.1 %
0.8
Fig 10a. Switching Time Test Circuit
td(on) tr t d(off) tf
0.4
VGS 10%
0.0
25
50
75
100
125
150
TC , Case Temperature ( C)
90% VDS
Fig 9. Maximum Drain Current Vs. Case Temperature
Fig 10b. Switching Time Waveforms
10
Thermal Response (Z thJC )
D = 0.50 1 0.20 0.10 0.05 0.1 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) PDM t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1 1
0.01 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
+
-
RG
D.U.T. VDD
5
IRFR/U9310PbF
VDS
L
EAS , Single Pulse Avalanche Energy (mJ)
300
RG
D.U.T
IAS
VDD A DRIVER
250
ID -0.49A -0.7A BOTTOM -1.1A TOP
-20V
tp
0.01
200
150
15V
100
Fig 12a. Unclamped Inductive Test Circuit
I AS
50
0
25
50
75
100
125
150
Starting TJ , Junction Temperature ( C)
tp V(BR)DSS
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
VG
VGS
-3mA
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
+
QGS
QGD
D.U.T.
-
-10V
VDS
IRFR/U9310PbF
Peak Diode Recovery dv/dt Test Circuit
D.U.T*
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG VGS * dv/dt controlled by RG * ISD controlled by Duty Factor "D" * D.U.T. - Device Under Test
+ VDD
*
Reverse Polarity of D.U.T for P-Channel
Driver Gate Drive P.W. Period D=
P.W. Period
[VGS=10V ] ***
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
[VDD]
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
[ISD ]
*** VGS = 5.0V for Logic Level and 3V Drive Devices Fig 14. For P-Channel HEXFETS
www.irf.com
7
IRFR/U9310PbF
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
D-Pak (TO-252AA) Part Marking Information
EXAMPLE: THIS IS AN IRFR120 WITH ASS EMBLY LOT CODE 1234 ASS EMBLED ON WW 16, 1999 IN THE ASS EMBLY LINE "A" Note: "P" in a ssembly line position indicates "Lea d-Free" PART NUMBER INTERNATIONAL RECTIFIER LOGO
IRFU120 12 916A 34
AS SEMBLY LOT CODE
DATE CODE YEAR 9 = 1999 WEEK 16 LINE A
OR
PART NUMBER INTERNATIONAL RECTIFIER LOGO
IRFU120 12 34
DATE CODE P = DESIGNATES LEAD-FREE PRODUCT (OPTIONAL) YEAR 9 = 1999 WEEK 16 A = AS SEMBLY SITE CODE
AS SEMBLY LOT CODE
8
www.irf.com
IRFR/U9310PbF
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
I-Pak (TO-251AA) Part Marking Information
EXAMPLE: T HIS IS AN IRFU120 WIT H ASSEMBLY LOT CODE 5678 ASSE MBLE D ON WW 19, 1999 IN T HE ASSEMBLY LINE "A" Note: "P" in ass embly line pos ition indicates "Lead-Free" PART NUMBER INTE RNAT IONAL RECT IF IER LOGO
IRFU120 919A 56 78
ASSEMBLY LOT CODE
DAT E CODE YEAR 9 = 1999 WEEK 19 LINE A
OR
PART NUMBE R INT ERNAT IONAL RECTIF IER LOGO
IRFU120 56 78
AS SEMBLY LOT CODE
DATE CODE P = DES IGNAT ES LEAD-F REE PRODUCT (OPTIONAL) YEAR 9 = 1999 WE EK 19 A = ASS EMBLY SIT E CODE
www.irf.com
9
IRFR/U9310PbF
D-Pak (TO-252AA) Tape & Reel Information
Dimensions are shown in millimeters (inches)
TR TRR TRL
16.3 ( .641 ) 15.7 ( .619 )
16.3 ( .641 ) 15.7 ( .619 )
12.1 ( .476 ) 11.9 ( .469 )
FEED DIRECTION
8.1 ( .318 ) 7.9 ( .312 )
FEED DIRECTION
NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS ( INCHES ). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
13 INCH
16 mm NOTES : 1. OUTLINE CONFORMS TO EIA-481.
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.01/05
10
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRFU9310PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X